Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 1 Page - STMicroelectronics

  STA680 Datasheet HTML 1Page - STMicroelectronics STA680 Datasheet HTML 2Page - STMicroelectronics STA680 Datasheet HTML 3Page - STMicroelectronics STA680 Datasheet HTML 4Page - STMicroelectronics STA680 Datasheet HTML 5Page - STMicroelectronics STA680 Datasheet HTML 6Page - STMicroelectronics STA680 Datasheet HTML 7Page - STMicroelectronics STA680 Datasheet HTML 8Page - STMicroelectronics STA680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
This is information on a product in full production.
March 2019
DS5877 Rev 13
1/48
STA680
Automotive HD Radio™ baseband receiver
Datasheet
- production data
Features
 AEC-Q100 qualified
 IBOC (in-band on-channel) digital audio
broadcast signal decoding for AM/FM hybrid
and all-digital modes
 Dual-channel HD 1.5 for background scanning
and data services
 HD codec (HDC) audio decompression
 Metadata support for HD Radio reception
 MPS (main program service), SPS
(supplemental program service) and PAD
(program associated data) data decoding
 Advanced HD Radio feature support:
– Apple ID3 tag
– Multicasting
– Electronic program guide (EPG)
– Real-time traffic
 Automatic Audio Alignment (AAA) algorithm
support
 Variable input base-band data-rate I2S-like
interface supporting 650, 675, 744.1875,
912 kS/s data rates
 Secondary RF base-band interface for dual
tuner applications
 Glueless interface to Synchronous SDRAM
addressing up to 512 Mbit of SDRAM in x16
configuration
 Optional Serial Flash memory SPI interface for
application code storage
 IIS serial audio interface with programmable
sample rate converter
 Primary and secondary serial interfaces for
host micro communication based on industry
standard IIC and SPI
 Several General purpose IOs
 One Internal clock oscillator and two internal
PLLs
 External clock input
 1.2 V core supply; 3.3 V I/O supply
Description
The STA680 is an HD-radio base-band processor
for car-radio applications. The STA680
functionality includes audio decompression and
data processing, while multiple interfaces ensure
flexible integration into the system.
The STA680 takes full advantage of HD 1.5 Radio
benefits including CD-like audio quality from HD
Radio FM broadcasts and FM-like audio quality
using HD Radio AM, while program associated
data or traffic information is received from the
second channel.
STA680 supports FM/AM analog/digital AAA
algorithm by mean of specific FW.
LFBGA168
TFBGA289
Table 1. Device summary
Order code
Package(1)
1. ECOPACK® compliant.
Packing
STA680
LFBGA 168 balls
(12x12x1.4 mm)
Tray
STA680TR
Tape & Reel
STA680D
TFBGA 289 balls
(15x15x1.2 mm)
Tray
STA680DTR
Tape & Reel
www.st.com


Similar Part No. - STA680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
STA680Q STMICROELECTRONICS-STA680Q Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
More results

Similar Description - STA680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4682-A10 SILABS-SI4682-A10 Datasheet
998Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Skyworks Solutions Inc.
SI4613-A10 SKYWORKS-SI4613-A10 Datasheet
695Kb / 3P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
September 12, 2021
SI4617-A10 SKYWORKS-SI4617-A10 Datasheet
692Kb / 4P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor with Seamless Blending
December 6, 2021
SI4693 SKYWORKS-SI4693 Datasheet
826Kb / 5P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
December 6, 2021
logo
STMicroelectronics
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com