Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 40Page - STMicroelectronics STA680 Datasheet HTML 41Page - STMicroelectronics STA680 Datasheet HTML 42Page - STMicroelectronics STA680 Datasheet HTML 43Page - STMicroelectronics STA680 Datasheet HTML 44Page - STMicroelectronics STA680 Datasheet HTML 45Page - STMicroelectronics STA680 Datasheet HTML 46Page - STMicroelectronics STA680 Datasheet HTML 47Page - STMicroelectronics STA680 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
DS5877 Rev 13
47/48
STA680
Revision history
47
14-Apr-2016
11
Updated document Title.
Added: “AEC-Q100 qualified” as first Features in cover page.
Removed LQFP144 package image and ‘STA680Q’ Order code
inTable 1: Device summary.
Updated: Section 1.2: Ball-out description; Figure 4: System block
diagrams on page 20; Section 2.1: Receiver system overview;
Section 2.2: HD Radio processing; Section 3.1: Clock schemes;
Section 3.2: Power on; Section 4: Power supply ramp-up phase;
Section 5.1: Interfaces: LFBGA vs. TFBGA; Section 5.2: Base-band
I2S interface; Section 5.3: Base-band I2S interface frequency
diversity; Section 5.4.1: Output serial audio interface (SAI);
Section 5.5.2: Flash serial peripheral interface (SPI2); Section 5.6:
I2C interfaces; Section 5.7: SDRAM interface; Section 6.1: Absolute
maximum ratings; Section 6.2: Thermal data. Section 6.3: Operating
conditions; and Section 7: Package information.
17-Mar-2017
12
Updated:
– Features and Description in cover page;
– Table 2: Ball-out description;
– Section 4.2: Boot sequence;
– Table 6: Baseband interfaces pin list;
– Table 8: AIF pin list;
– Section 5.4.1: Output serial audio interface (SAI);
– Added paragraph title Section 5.4.2: Input serial audio interface;
– Section 5.4.3: Audio sample rate converter (ASRC)
– Section 5.5: Serial peripheral interfaces (SPI);
– Table 11: Host micro SPI pin list;
– Table 12: Flash SPI pin list;
– Section 5.7: SDRAM interface.
22-Mar-2019
13
Updated:
– Table 18: Absolute maximum rating on page 38;
– Table 20: DC electrical characteristics on page 39.
Table 23. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com