Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics STA680 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Digital I/O and memory interfaces
STA680
34/48
DS5877 Rev 13
5.5.1
Host micro serial peripheral interface (SPI1)
SPI1 is used to interface the STA680 with a host processor interface.
The communication with the host-microcontroller can alternatively be performed via I2C as
described in Section 5.6.1.
The Host Micro SPI is a slave only interface.
For the relevant pin description see Table 11.
5.5.2
Flash serial peripheral interface (SPI2)
SPI2 is typically used for connecting the STA680 to an external Flash memory where the
boot code and configuration parameters could be stored. The minimum required capacity for
this purpose is 1 Mbit. SPI2 is master-only.
Up to 4 chip select lines are available on the STA680. For the relevant pin description see
Table 12.
Table 11. Host micro SPI pin list
Pin name
Designation
Type
Drive
SPI1_MISO
Host Micro SPI data master in/slave out
O
4 mA(1)
1. 4 mA driving capability is guaranteed on a maximum capacitive load of 20 pF.
SPI1_MOSI
Host Micro SPI data master out/slave in
I
-
SPI1_SCK
Host Micro SPI clock
I
-
SPI1_SS_N
Host Micro SPI active-low slave select 1
I
-
Table 12. Flash SPI pin list
Pin name
Designation
Type
Drive
SPI2_MISO
Flash SPI data master in/slave out
I
-
SPI2_MOSI
Flash SPI data master out/slave in
O
4 mA(1)
1. 4 mA driving capability is guaranteed on a maximum capacitive load of 20 pF.
SPI2_SCK
Flash SPI clock
O
4 mA(1)
SPI2_SS_N
Flash SPI active-low slave select 1
O
4 mA(1)
SPI2_SS1_N
Flash SPI active-low slave select 2
O
4 mA(1)
SPI2_SS2_N
Flash SPI active-low slave select 3
O
4 mA(1)
SPI2_SS3_N
Flash SPI active-low slave select 4
O
4 mA(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com