Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DS5877 Rev 13
25/48
STA680
Operation and general remarks
47
3.2
Power on
This chapter describes the power-on procedure for the cold start (i.e. when the device is not
supplied before being turned on). Figure 7 and Table 4 show the timing for the cold start
power up sequence.
Boot pins are latched at startup. Their default value is logic 0, in case logic 1 is needed a
6K2 pull-up resistor should be connected on the corresponding boot line. After reset
release, the boot selection lines become outputs.
Figure 7. Power on timing
1. In case the Reference Clock is fed through BB1_BCK or CLK_IN the Power On timing diagram is the same as
Figure 7 where OSC_OUT is substituted by the external supplied stable reference clock.
Figure 8. Crystal characteristics
Table 4. Power on timing parameters
Symbol
Parameter
Min
Max
Unit
Tramp-up
External supply ramp-up time
Same ramp-up time for
3.3 V and 1.2 V supply
-
TDC1V8
DC1V8 regulator start-up time
-
1
ms
TOSC (1)
1. The oscillator start-up time depends on the crystal connected to the internal oscillator. The given value is
estimated for a crystal with characteristic shown in Figure 8.
Oscillator start-up time
-
400
μs
TRST
Reset release time
2
-
ms
TCFG,S
Setup time for clock configuration
0.1
-
μs
TCFG,H
Hold time for clock configuration
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com