Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 7Page - STMicroelectronics STA680 Datasheet HTML 8Page - STMicroelectronics STA680 Datasheet HTML 9Page - STMicroelectronics STA680 Datasheet HTML 10Page - STMicroelectronics STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DS5877 Rev 13
11/48
STA680
Block diagram and pin description
47
IIS tuner interfaces
C2
K4
BB1_I
I
Pull-down
3.3 V
Generic
IO
supply
Primary baseband interface
serial I data or Primary
baseband interface I/Q
multiplexed data
B2
J3
BB1_Q
I
Pull-down
3.3 V
Generic
IO
supply
Primary baseband interface
serial Q data (not used in
case of Primary data
multiplexed on BB1_I)
C1
J4
BB1_WS
I
Pull-down
3.3 V
Generic
IO
supply
Primary baseband interface
word strobe
D3
K3
BB1_BCK
I
Pull-down
3.3 V
Generic
IO
supply
Primary baseband interface
bit clock
A4
M3
BB2_I
I
Pull-down
3.3 V
Generic
IO
supply
Secondary baseband
interface serial I data or
Secondary baseband
interface I/Q multiplexed
data
B6
N3
BB2_Q
I
Pull-down
3.3 V
Generic
IO
supply
Secondary baseband
interface serial Q data (not
used in case of Secondary
data multiplexed on BB2_I)
B4
L3
BB2_WS
I
Pull-down
3.3 V
Generic
IO
supply
Secondary baseband
interface word strobe
A3
T1
BB2_BCK
I
Pull-down
3.3 V
Generic
IO
supply
Secondary baseband
interface bit clock
IIS audio input interface
F2
D17
AUDIO_IN_AWS
I/O
Pull-up
3.3 V
Generic
IO
supply
Digital audio input word
strobe
E1
C17
AUDIO_IN_
ABCK
I/O
Pull-up
3.3 V
Generic
IO
supply
Digital audio input clock
F1
E16
AUDIO_IN_
ADAT
I
Pull-down
3.3 V
Generic
IO
supply
Digital audio input serial
data
Audio output interfaces
G1
M11
AWS
I/O
Pull-up
3.3 V
Generic
IO
supply
Digital audio output word
strobe
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com