Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 8Page - STMicroelectronics STA680 Datasheet HTML 9Page - STMicroelectronics STA680 Datasheet HTML 10Page - STMicroelectronics STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Block diagram and pin description
STA680
12/48
DS5877 Rev 13
H3
M10
ABCK
I/O
Pull-up
3.3 V
Generic
IO
supply
Digital audio output clock
G2
N11
ADAT
O
-
3.3 V
Generic
IO
supply
Digital audio output serial
data
C3
A10
ADAT2
O
-
3.3 V
Generic
IO
supply
Reserved
E3
D13
ADAT3
O
-
3.3 V
Generic
IO
supply
Reserved. Reference clock
configuration pin, works in
input mode till RESET_N
release
E2
P5
SPDIF
O
-
3.3 V
Generic
IO
supply
Reserved
B3
R4
BLEND
O
-
3.3 V
Generic
IO
supply
Digital audio blend output.
Reference clock
configuration pin, works in
input mode till RESET_N
release
G3
D14
DAC256X
O
-
3.3 V
Generic
IO
supply
Digital audio output
oversampling clock.
Reference clock
configuration pin, works in
input mode till RESET_N
release
Clock & oscillator
K2
A4
CLK_IN
I
-
3.3 V
Generic
IO
supply
Reference digital clock
L1
E8
OSC_IN
ana
-
1.8 V
Osc
supply
28,224MHz crystal in or
digital clock input
K1
E9
OSC_OUT
ana
-
1.8 V
Osc
supply
Crystal output
SPI Flash interface
P4
C5
SPI2_MISO
I
Pull-up
3.3 V
Flash
IO
supply
SPI interface 2 serial data
master in/slave out
N3
D4
SPI2_MOSI
O
Pull-up
3.3 V
Flash
IO
supply
SPI interface 2 serial data
master out/slave in
P3
D5
SPI2_SS0_N
O
Pull-up
3.3 V
Flash
IO
supply
SPI interface 2 active-low
slave select 0
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com