Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DS5877 Rev 13
31/48
STA680
Digital I/O and memory interfaces
47
5.4
Audio interface (AIF)
The STA680 uses a stereo I2S interface for sending the decoded digital audio back to the
tuner, where the blending with the legacy AM/FM demodulated audio occurs.
The receivers and transmitters can be used either in master mode, running with the STA680
internal audio frequency of 44.1 kHz or in slave mode running with a frequency determined
by the external device. In slave mode, the internal Audio Sample Rate Converter (ASRC,
see Chapter 5.4.3) adapts the external data rate (from 44.1 to 48 kSps) to the internal one.
5.4.1
Output serial audio interface (SAI)
The output serial audio interface is used to send the decoded audio from the HD Radio
Decoder to an external IC (e.g. TDA7786 or TDA7707).
The output SAI is an I2S interface which provides audio samples in stereo at a 44.1 kS/s
data rate in master mode. In slave mode, other sample rates (from 44.1 to 48 kS/s) are
supported by means of the internal ASRC (see Section 5.4.3).
The output SAI interface is composed by three lines: one data line and two clock lines.
The output SAI supports a 32x or 64x bit clock with 16-bit precision audio data. The 32x
clock mode has no bit padding. The 64x clock mode adds 16-bits zero padding at the end of
the 16-bit audio data. Figure 10 shows timing diagrams for the supported modes.
An oversampled audio master-clock is also available for directly interfacing the STA680 to
an external DAC. Table 8 shows the timing values for the output SAI interface.
Table 8. AIF pin list
Pin name
Designation
Type
Drive
AUDIO_IN_AWS
Digital audio input word strobe
O
4mA
AUDIO_IN_ABCK
Digital audio input bit clock
O
4mA
AUDIO_IN_ADAT
Digital audio input serial data
I
-
AWS
Digital audio output word strobe
I/O
4mA
ABCK
Digital audio output clock
I/O
4mA
ADAT
Digital audio output serial data
O
4mA
DAC256X
Digital audio output oversampling clock (256 x Fs)
O
4mA
BLEND
Digital audio output blend output
O
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com