Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Block diagram and pin description
STA680
16/48
DS5877 Rev 13
K13
U8
SDR_A9
O
-
3.3 V
SDRAM
IO
supply
Address bit 10 to SDRAM
D13
U6
SDR_A10
O
-
3.3 V
SDRAM
IO
supply
Address bit 10 to SDRAM
L14
T8
SDR_A11
O
-
3.3 V
SDRAM
IO
supply
Address bit 11 to SDRAM
L13
R8
SDR_A12
O
-
3.3 V
SDRAM
IO
supply
Address bit 12 to SDRAM
Supplies
F12
M4
MODEOP_GEN
I
Pull-up
3.3 V
SDRAM
IO
supply
Define the operating voltage
of the "Generic I/O" supply
group. Value is 3.3V.
E12
R9
MODEOP_FSH
I
Pull-up
3.3 V
SDRAM
IO
supply
Define the operating voltage
of the "Generic I/O" supply
group. Value is 3.3V.
D5, D6,
E11,
F11,
J11,
J12, K3,
K11,
K12, L3
F11, G7, G9,
G12, J7, K11,
L7,L10, L12, U1,
U17
VDD
n/a
-
1.2 V
Core
supply
Power supply for core logic
F6, F7,
F8, F9,
G6, G7,
G8, G9,
H6, H7,
H8, H9,
J6, J7,
J8, J9
A1,A17, H8, H9,
H10, J8, J9, J10,
K8, K9, K10,
GND
n/a
-
-
Core
supply
Ground for core logic
A5, B5,
H1, H2
-
GND_GEN_IO
n/a
-
-
Generic
IO
supply
Generic I/Os ground
A12,
B12,D1,
D2
-
VDD_GEN_IO
n/a
-
3.3 V
Generic
IO
supply
Generic I/Os power supply
L6
-
GND_FSH_IO
n/a
-
-
Flash
IO
supply
Ground for Flash Interface
I/Os
L5
-
VDD_FSH_IO
n/a
-
3.3 V
Flash
IO
supply
Power supply for Flash
Inteface I/Os
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com