Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 9Page - STMicroelectronics STA680 Datasheet HTML 10Page - STMicroelectronics STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DS5877 Rev 13
13/48
STA680
Block diagram and pin description
47
M3
F4
SPI2_SS1_N
O
Pull-up
3.3 V
Flash
IO
supply
Reserved
M4
F5
SPI2_SS2_N
O
Pull-up
3.3 V
Flash
IO
supply
Reserved
M5
C3
SPI2_SS3_N
O
Pull-up
3.3 V
Flash
IO
supply
Reserved
N4
C4
SPI2_SCK
O
Pull-up
3.3 V
Flash
IO
supply
SPI interface 2 serial clock
SPI SD/MMC interface
C9
P17
SPI3_MISO
I
Pull-up
3.3 V
Generic
IO
supply
Reserved
C8
D15
SPI3_MOSI
O
Pull-up
3.3 V
Generic
IO
supply
Reserved
D9
N17
SPI3_SS_N
O
Pull-up
3.3 V
Generic
IO
supply
Reserved
C10
E17
SPI3_SCK
O
Pull-up
3.3 V
Generic
IO
supply
Reserved
SDRAM interface
P5
M12
SDR_FEED_
CLK
I
-
3.3 V
SDRAM
IO
supply
Feedback clock from
SDRAM interface
N5
P10
SDR_CLK_
RAM3V3
O
-
3.3 V
SDRAM
IO
supply
Clock to SDRAM for 3.3 V
interface
N9
R15
SDR_D0
I/O
-
3.3 V
SDRAM
IO
supply
SDRAM bidirectional data
bit 0
P9
U15
SDR_D1
I/O
-
3.3 V
SDRAM
IO
supply
SDRAM bidirectional data
bit 1
N10
T15
SDR_D2
I/O
-
3.3 V
SDRAM
IO
supply
SDRAM bidirectional data
bit 2
P10
P14
SDR_D3
I/O
-
3.3 V
SDRAM
IO
supply
SDRAM bidirectional data
bit 3
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com