Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics STA680 Datasheet HTML 38Page - STMicroelectronics STA680 Datasheet HTML 39Page - STMicroelectronics STA680 Datasheet HTML 40Page - STMicroelectronics STA680 Datasheet HTML 41Page - STMicroelectronics STA680 Datasheet HTML 42Page - STMicroelectronics STA680 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DS5877 Rev 13
39/48
STA680
Electrical specifications
47
6.3
Operating conditions
Table 20. DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Core supply voltage Normal drive
1.14
1.2
1.26
V
VDD_GEN_IO
Generic IO supply
voltage
-
3.14
3.3
3.46
V
VDD_FSH_IO
Flash IO supply
voltage
-
3.14
3.3
3.46
V
VDD_RAM_
IO
SDRAM IO supply
voltage
-
3.14
3.3
3.46
V
VDD_RAM_
IO_1V8(1)
Supply for the
SDRAM clock at
1.8V
-
1.71
1.8
1.89
V
VDD_OSC(1)
Oscillator analog
supply voltage
-
1.71
1.8
1.89
V
VDD_PLL_
ANA(1)
PLL analog supply
voltage
-
1.71
1.8
1.89
V
VDD_PLL_
DIG
PLL digital supply
voltage
Normal drive
1.14
1.2
1.26
V
VDD_SAF
SAF supply voltage
Normal drive
1.14
1.2
1.26
V
I1V2
Current from 1.2 V
supply
HD 1.0(2)
Tamb= 25 °C
VDD = 1.20 V
-
90
-mA
Tamb = 85 °C
VDD = 1.26 V
-
-
149
mA
HD 1.5(3)
Tamb = 25 °C
VDD = 1.20 V
-
110
-mA
Tamb = 85 C
VDD = 1.26 V
-
-
180
mA
I3V3
Current from 3.3 V
supply
HD 1.0(2)
Tamb = 25° C VDD_IO(4)= 3.3 V
-
32
-mA
Tamb = 85 °C VDD_IO = 3.46 V
-
-
41
mA
HD 1.5(3)
Tamb = 25 °C VDD_IO = 3.3 V
-
50
-mA
Tamb = 85 °C VDD_IO = 3.46 V
-
-
70
mA
Pd
Power dissipation
HD 1.0(2)
Tamb = 25 °C
typical supply
-
214
-
mW
Tamb = 85 °C
max supply
-
-
330
mW
HD 1.5(3)
Tamb = 25 °C
typical supply
-
297
-
mW
Tamb = 85 °C
max supply
-
-
469
mW
Iil
Low level input
leakage current(5)
Vi = 0 V
-
-
1.9
μA
Iih
High level input
leakage current(5)
Vi = VDD_GEN_IO(6)
-
-
1.9
μA
Ilpu
High level input
leakage current on
pull up(7)
Vi = VDD_GEN_IO(6)
-
-
2.9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com