Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DS5877 Rev 13
17/48
STA680
Block diagram and pin description
47
H14,
L11,
L12,
M11,
M12
-
GND_RAM_IO
n/a
-
-
SDRAM
IO
supply
Ground for SDRAM
Interface I/Os
G14,
M9, M10
-
VDD_RAM_IO
n/a
-
3.3 V
SDRAM
IO
supply
Power supply for SDRAM
Interface I/Os
-
F9, G10, H7,
H11, K7, L9,
L11, H12, J12
VDDIO
n/a
-
3.3 V
I/O
supply
Generic I/Os power supply
-
G6, G8, G11,
J11, L8, P11
VSSIO
n/a
-
-
I/O
supply
Generic I/Os ground
F3, F4
B6
GND_PLL_DIG
n/a
-
-
PLL
digital
supply
Ground for PLL digital part
E4
A6
VDD_PLL_DIG
n/a
-
1.2 V
PLL
digital
supply
Power supply for PLL digital
part
J4
B5
GND_PLL0_
ANA
n/a
-
-
PLL
analog
supply
Ground for PLL0 analog
part
J3
-
GND_PLL1_
ANA
n/a
-
-
PLL
analog
supply
Ground for PLL1 analog
part
M2
A5
VDD_PLL0_
ANA
n/a
-
1.8 V
PLL
analog
supply
Power supply for PLL0
analog part
M1
-
VDD_PLL1_
ANA
n/a
-
1.8 V
PLL
analog
supply
Power supply for PLL1
analog part
J2, L2
D8
GND_OSC
n/a
-
-
Osc
supply
Ground for oscillator core
J1
D9
VDD_OSC
n/a
-
1.8 V
Osc
supply
Power supply for oscillator
core
K4, L4
E14
VDD_REG3V3
n/a
-
3.3 V
LDO
supply
Voltage regulator input
power supply @ 3.3 V
N1, N2
C6
VDD_REG1V8
n/a
-
1.8 V
LDO
supply
Voltage regulator output
power supply @ 1.8 V
L9
C7
VDD_RAM_IO
_1V8
n/a
-
1.8 V
n/a
Reserved - connect to 1.8 V
supply
L10
D6
GND_RAM_IO
_1V8
n/a
-
-
n/a
Reserved - Connect to
ground
Others
M6
-
RFU
n/a
-
n/a
n/a
Reserved for future use - do
not connect
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com