Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Digital I/O and memory interfaces
STA680
32/48
DS5877 Rev 13
Figure 10. Serial audio interface waveforms and timings
5.4.2
Input serial audio interface
The input serial audio interface is used to receive the legacy AM/FM demodulated audio
samples from an external AM/FM Tuner for AAA algorithm purpose.
The input SAI is an I2S interface which accepts 16 bit audio samples in stereo at a 44.1 kS/s
sample rate. For usage with AAA algorithm enabled SW the Input serial audio interface
must be configured as master at 44.1 kS/s (in that case output SAI needs to be configured
as slave).
5.4.3
Audio sample rate converter (ASRC)
The STA680 embeds a stereo channel sample rate converter to be used in combination with
either the output (one single data-line) or the input SAI. The ASRC has a Total Harmonic
Distortion plus Noise (THD+N) level at 1 kHz smaller than -85 dB (0.0056%).
The supported data rates are:
44.1 (± 10 Hz),
45.6 (± 15 Hz)
48 (± 15 Hz)
Table 9. Serial audio interface timing values
Symbol
Parameter
Working rate
Unit
Faws
Word strobe
44.1 ±10 Hz
45.6 ±15 Hz
48 ±15 Hz
kHz
Fabck,16
Bit clock for 16-bit data
32 x Faws
MHz
Fabck,32
Bit clock for 32-bit data
64 x Faws
MHz
Th
Data hold time
5
ns
Ts
Data setup time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com