Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376B Datasheet (PDF) - STMicroelectronics

TDA7376B Datasheet PDF - STMicroelectronics
Part # TDA7376B_V01
Download  TDA7376B Download
File Size   442.51 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 35 W Power amplifier for car radio

TDA7376B Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7376B Datasheet PDF - STMicroelectronics

Part # TDA7376B_V01
Download  TDA7376B Click to download

File Size   442.51 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 35 W Power amplifier for car radio

TDA7376B Datasheet (HTML) - STMicroelectronics


TDA7376B Product details

Features
 High output power capability:
– 2 x 40 W max./ 4 
– 2 x 35W/4 EIAJ
– 2 x 25W/4 (14.4 V, 1 kHz, 10%)
– 2 x 25W/2 (14.4 V, 1 kHz, 10%)
 2  driving
 Differential inputs
 Minimum external components count
 Internally fixed gain (26 db)
 Mute function (cmos compatible)
 Automute at minimum supply voltage detection
 Standby function
 No audible pop during mute and standby
operations
 Clipping detector with programmable distortion
threshold
 Protections:
– short circuit (out to ground, out to supply
voltage, across the load)
– overrating chip temperature with soft
thermal limiter
– load dump voltage
– fortuitous open ground
– loudspeaker dc current
– ESD




Similar Part No. - TDA7376B_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
More results


Similar Description - TDA7376B_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
logo
STMicroelectronics
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
13-Feb-2012
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com