Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV116MFX/NOPB Datasheet (PDF) - Texas Instruments

LMV116MFX/NOPB Datasheet PDF - Texas Instruments
Part # LMV116MFX/NOPB
Download  LMV116MFX/NOPB Download
File Size   936.86 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option

LMV116MFX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV116MFX/NOPB Datasheet PDF - Texas Instruments

Part # LMV116MFX/NOPB
Download  LMV116MFX/NOPB Click to download

File Size   936.86 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option

LMV116MFX/NOPB Datasheet (HTML) - Texas Instruments


LMV116MFX/NOPB Product details

1 Features
1• −3-dB BW 45 MHz
• Supply Voltage Range 2.7 V to 12 V
• Slew Rate 40 V/μs
• Supply Current 600 μA
• Power Down Supply Current 15 μA
• Output Short Circuit Current 32 mA
• Linear Output Current ±20 mA
• Input Common Mode Voltage −0.3 V to 1.7 V
• Output Voltage Swing 20 mV from Rails
• Input Voltage Noise 40 nV/√Hz
• Input Current Noise 0.75 pA/√Hz

2 Applications
• High-Speed Clock Buffer/Driver
• Active Filters
• High-Speed Portable Devices
• Multiplexing Applications (LMV118)
• Current Sense Amplifier
• High-Speed Transducer Amplifier

3 Description
The LMV116 (single) rail-to-rail output voltage
feedback amplifiers offer high-speed (45 MHz), and
low-voltage operation (2.7 V) in addition to micropower
shutdown capability (LMV118).
Output voltage range extends to within 20 mV of
either supply rail, allowing wide dynamic range
especially in low voltage applications. Even with low
supply current of 600 μA, output current capability is
kept at a respectable ±20 mA for driving heavier
loads. Important device parameters such as BW, slew
rate, and output current are kept relatively
independent of the operating supply voltage by a
combination of process enhancements and design
architecture.
For portable applications, the LMV118 provides
shutdown capability while keeping the turnoff current
to 15 μA. Both turnon and turnoff characteristics are
well behaved with minimal output fluctuations during
transitions, thus the device can be used in powersaving
mode, as well as multiplexing applications.
Miniature packages (5-pin and 6-pin SOT-23) are
further means to ease the adoption of these lowpower,
high-speed devices in applications where
board area is at a premium.




Similar Part No. - LMV116MFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV116MFX/NOPB TI1-LMV116MFX/NOPB Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
More results


Similar Description - LMV116MFX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
logo
Texas Instruments
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com