Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4245ABQ Datasheet (PDF) - NXP Semiconductors

74LVC4245ABQ Datasheet PDF - NXP Semiconductors
Part # 74LVC4245ABQ
Download  74LVC4245ABQ Download
File Size   112.0 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal dual supply translating transceiver; 3-state

74LVC4245ABQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC4245ABQ Datasheet PDF - NXP Semiconductors

Part # 74LVC4245ABQ
Download  74LVC4245ABQ Click to download

File Size   112.0 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal dual supply translating transceiver; 3-state

74LVC4245ABQ Datasheet (HTML) - NXP Semiconductors


74LVC4245ABQ Product details

General description

The 74LVC4245A is an octal dual supply translating transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. It is designed to interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply environment.

The device features an output enable input (pinOE) for easy cascading and a send/receive input (pin DIR) for direction control. PinOE controls the outputs so that the buses are effectively isolated.

In suspend mode, when VCCAis zero, there will be no current flow from one supply to the

other supply. The A-outputs must be set 3-state and the voltage on the A-bus must be smaller than Vdiode(typical 0.7 V). VCCA≥VCCB, except in suspend mode.



Features

5 V tolerant inputs/outputs, for interfacing with 5 V logic

Wide supply voltage range:

  3 V port (VCCB): 1.5 V to 3.6 V

  5 V port (VCCA): 1.5 V to 5.5 V

CMOS low-power consumption

Direct interface with TTL levels

Inputs accept voltages up to 5.5 V

High-impedance when VCC= 0 V

Complies with JEDEC standard no. JESD8B/JESD36

ESD protection:

  HBM JESD22-A114E exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

Multiple package options

Specified from−40°C to +85°C and−40°C to +125°C




Similar Part No. - 74LVC4245ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245ABQ NEXPERIA-74LVC4245ABQ Datasheet
280Kb / 15P
Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245ABQ-Q100 NEXPERIA-74LVC4245ABQ-Q100 Datasheet
830Kb / 17P
Octal dual supply translating transceiver; 3-state
More results


Similar Description - 74LVC4245ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
Octal dual supply translating transceiver; 3-state
1999 Jun 15
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
Octal dual supply translating transceiver; 3-state
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com