Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTLV1117LV Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPTLV1117LV Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPTLV1117LV
Download  TPTLV1117LV Download
File Size   2150.84 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1A LOW DROPOUT LINEAR REGULATOR

TPTLV1117LV Datasheet (PDF)

Go To PDF Page Download Datasheet
TPTLV1117LV Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPTLV1117LV
Download  TPTLV1117LV Click to download

File Size   2150.84 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1A LOW DROPOUT LINEAR REGULATOR

TPTLV1117LV Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPTLV1117LV Product details

Features
© Output Current of 1A Maximum
© Three-Terminal Adjustable or Fixed Outputs
© Maximum Input Votage: 18V.
© Fast Transient Response
® Current Limit, Safe Operating and Thermal
Shutdown Protection
© Line Regulation: 0.2%
© Load Regulation: 0.4%
© Environment Temperature: -50°C~+140°C
© Available in SOT223-3




Similar Part No. - TPTLV1117LV

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPTLV1117 TECHPUBLIC-TPTLV1117 Datasheet
2Mb / 6P
1A LOW DROPOUT LINEAR REGULATOR
TPTLV1117-18IDCYR TECHPUBLIC-TPTLV1117-18IDCYR Datasheet
2Mb / 6P
1A LOW DROPOUT LINEAR REGULATOR
TPTLV1117-33IDCYR TECHPUBLIC-TPTLV1117-33IDCYR Datasheet
2Mb / 6P
1A LOW DROPOUT LINEAR REGULATOR
TPTLV1117-50IDCYR TECHPUBLIC-TPTLV1117-50IDCYR Datasheet
2Mb / 6P
1A LOW DROPOUT LINEAR REGULATOR
TPTLV1117-ADJIDCYR TECHPUBLIC-TPTLV1117-ADJIDCYR Datasheet
2Mb / 6P
1A LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - TPTLV1117LV

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com