Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0014 Datasheet (PDF) - Abracon Corporation

ADID-R-0014 Datasheet PDF - Abracon Corporation
Part # ADID-R-0014
Download  ADID-R-0014 Download
File Size   816.43 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Dual-Band Wi-Fi LTCC RF Diplexer

ADID-R-0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADID-R-0014 Datasheet PDF - Abracon Corporation

Part # ADID-R-0014
Download  ADID-R-0014 Click to download

File Size   816.43 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Dual-Band Wi-Fi LTCC RF Diplexer

ADID-R-0014 Datasheet (HTML) - Abracon Corporation


ADID-R-0014 Product details

Features
•Supporting 2400~2500 / 4900~5950 MHz Simultaneously
•Small Form Factor 1.6 x 0.8 x 0.6 mm
•Low Insertion Loss 0.4 dB
•High Isolation Between Bands
•Temperature Stability Across Wide Temperature Bands
•High-Power Handling up to 3W
•RoHS Compliant




Similar Part No. - ADID-R-0014

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0012 ABRACON-ADID-R-0012 Datasheet
813Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0012-EVB ABRACON-ADID-R-0012-EVB Datasheet
813Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013 ABRACON-ADID-R-0013 Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013-EVB ABRACON-ADID-R-0013-EVB Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0015 ABRACON-ADID-R-0015 Datasheet
824Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
More results


Similar Description - ADID-R-0014

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10004-SB WPI-WPANT10004-SB Datasheet
239Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10005-SB WPI-WPANT10005-SB Datasheet
251Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10007-SA WPI-WPANT10007-SA Datasheet
231Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT10004 WPI-WPANT10004 Datasheet
170Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com