Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0012 Datasheet (PDF) - Abracon Corporation

ADID-R-0012 Datasheet PDF - Abracon Corporation
Part # ADID-R-0012
Download  ADID-R-0012 Download
File Size   813.92 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Wi-Fi 6/6E/7 LTCC RF Diplexer

ADID-R-0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADID-R-0012 Datasheet PDF - Abracon Corporation

Part # ADID-R-0012
Download  ADID-R-0012 Click to download

File Size   813.92 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Wi-Fi 6/6E/7 LTCC RF Diplexer

ADID-R-0012 Datasheet (HTML) - Abracon Corporation


ADID-R-0012 Product details

Features
•Supporting 2400~2500 / 5150~7150 MHz Simultaneously
•Small Form Factor 1.6 x 0.8 x 0.65 mm
•Low Insertion Loss 0.5 dB
•High Isolation Between Bands
•Temperature Stability Across Wide Temperature Bands
•High-Power Handling up to 3W
•RoHS Compliant




Similar Part No. - ADID-R-0012

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0013 ABRACON-ADID-R-0013 Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013-EVB ABRACON-ADID-R-0013-EVB Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0014 ABRACON-ADID-R-0014 Datasheet
816Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
ADID-R-0014-EVB ABRACON-ADID-R-0014-EVB Datasheet
816Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
ADID-R-0015 ABRACON-ADID-R-0015 Datasheet
824Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
More results


Similar Description - ADID-R-0012

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118908-1 TEC-2118908-1 Datasheet
612Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com