Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0012 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADID-R-0012
Description  Wi-Fi 6/6E/7 LTCC RF Diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0012 Datasheet(HTML) 1 Page - Abracon Corporation

  ADID-R-0012 Datasheet HTML 1Page - Abracon Corporation ADID-R-0012 Datasheet HTML 2Page - Abracon Corporation ADID-R-0012 Datasheet HTML 3Page - Abracon Corporation ADID-R-0012 Datasheet HTML 4Page - Abracon Corporation ADID-R-0012 Datasheet HTML 5Page - Abracon Corporation ADID-R-0012 Datasheet HTML 6Page - Abracon Corporation ADID-R-0012 Datasheet HTML 7Page - Abracon Corporation ADID-R-0012 Datasheet HTML 8Page - Abracon Corporation ADID-R-0012 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-26-24
For terms and conditions of sales, please visit:
www.abracon.com
Wi-Fi 6/6E/7 LTCC RF Diplexer
ADID-R-0012
1.6 x 0.8 x 0.65 mm
RoHS Compliant
Request Samples
Check Inventory
Product Image
• Supporting 2400~2500 / 5150~7150 MHz Simultaneously
• Small Form Factor 1.6 x 0.8 x 0.65 mm
• Low Insertion Loss 0.5 dB
• High Isolation Between Bands
• Temperature Stability Across Wide Temperature Bands
• High-Power Handling up to 3W
• RoHS Compliant
• Wi-Fi Modules
• AR/VR Headsets
• Wi-Fi Access Point and Mesh Wi-Fi Systems
• Smart Plugs, Lights, and Doorbells
• Smart TVs and Streaming Devices
• Laptops and PCs
Applications
Features


Similar Part No. - ADID-R-0012

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0013 ABRACON-ADID-R-0013 Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0013-EVB ABRACON-ADID-R-0013-EVB Datasheet
835Kb / 10P
Wi-Fi 6/6E/7 LTCC RF Diplexer
11-26-24
ADID-R-0014 ABRACON-ADID-R-0014 Datasheet
816Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
ADID-R-0014-EVB ABRACON-ADID-R-0014-EVB Datasheet
816Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
ADID-R-0015 ABRACON-ADID-R-0015 Datasheet
824Kb / 10P
Dual-Band Wi-Fi LTCC RF Diplexer
11-26-24
More results

Similar Description - ADID-R-0012

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118908-1 TEC-2118908-1 Datasheet
612Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com