Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0012 Datasheet(PDF) 9 Page - Abracon Corporation

Part # ADID-R-0012
Description  Wi-Fi 6/6E/7 LTCC RF Diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0012 Datasheet(HTML) 9 Page - Abracon Corporation

Back Button ADID-R-0012 Datasheet HTML 2Page - Abracon Corporation ADID-R-0012 Datasheet HTML 3Page - Abracon Corporation ADID-R-0012 Datasheet HTML 4Page - Abracon Corporation ADID-R-0012 Datasheet HTML 5Page - Abracon Corporation ADID-R-0012 Datasheet HTML 6Page - Abracon Corporation ADID-R-0012 Datasheet HTML 7Page - Abracon Corporation ADID-R-0012 Datasheet HTML 8Page - Abracon Corporation ADID-R-0012 Datasheet HTML 9Page - Abracon Corporation ADID-R-0012 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-26-24
For terms and conditions of sales, please visit:
www.abracon.com
Wi-Fi 6/6E/7 LTCC RF Diplexer
ADID-R-0012
1.6 x 0.8 x 0.65 mm
RoHS Compliant
Request Samples
Check Inventory
Reflow Profile [JEDEC J-STD-020]
Solder paste: Sn/3.0Ag/0.5Cu
Profile Feature
Sn-Pb Eutectic
Assembly
Pb-Free Assembly
Preheat / soak
Temperature minimum (Tsmin)
00℃
50℃
Temperature maximum (Tsmax)
50℃
00℃
Time (Tsmin to Tsmax) (ts)
60 –
0 sec.
60 – 90 sec.
Average ramp-up rate (Tsmax to Tp)
℃/sec. max
℃/sec. max
Liquidous temperature (TL)
8 ℃
7℃
Time at Liquidous (TL)
60 – 50 sec.
60 – 50 sec.
Peak package body temperature (Tp)*
See Table 1
See Table 2
Time (Tp)** within 5℃ of the specified classification temperature (Tc)
0 sec.
0 sec.
Ramp-down rate (Tp to Tsmax)
6℃/sec. max
6℃/sec. max
Time 5℃ to peak temperature
6 min. max
8 min. max
Reflow cycles
max
max
*Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
**Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Table 1
SnPb Eutectic Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
≧
350
<2.5mm
235℃
220℃
≧
2.5mm
220℃
220℃
Table 2
Pb-Free Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
350-2000
Volume mm3
>2000
< .6mm
60℃
60℃
60℃
.6mm - .5mm
60℃
50℃
45℃
> .5mm
50℃
45℃
45℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com