Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADID-R-0012 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADID-R-0012
Description  Wi-Fi 6/6E/7 LTCC RF Diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0012 Datasheet(HTML) 2 Page - Abracon Corporation

  ADID-R-0012 Datasheet HTML 1Page - Abracon Corporation ADID-R-0012 Datasheet HTML 2Page - Abracon Corporation ADID-R-0012 Datasheet HTML 3Page - Abracon Corporation ADID-R-0012 Datasheet HTML 4Page - Abracon Corporation ADID-R-0012 Datasheet HTML 5Page - Abracon Corporation ADID-R-0012 Datasheet HTML 6Page - Abracon Corporation ADID-R-0012 Datasheet HTML 7Page - Abracon Corporation ADID-R-0012 Datasheet HTML 8Page - Abracon Corporation ADID-R-0012 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 11-26-24
For terms and conditions of sales, please visit:
www.abracon.com
Wi-Fi 6/6E/7 LTCC RF Diplexer
ADID-R-0012
1.6 x 0.8 x 0.65 mm
RoHS Compliant
Request Samples
Check Inventory
Parameters
Specification
Units
Notes
Passband
2400-2500
5150-7150
MHz
Insertion Loss
0.5
1.0
dB
@25ºC
0.7
1.3
@-40ºC ~ +85ºC
VSWR
< 2.0
-
Attenuation (min.)
40
-
dB
4800 ~ 5000 MHz
30
-
7200 ~ 7500 MHz
-
45
2400 ~ 2500 MHz
-
29
10300 ~ 14300 MHz
-
30
15300 ~ 21450 MHz
Isolation (min.)
40
dB
2400 ~ 2500 MHz
40
4800 ~ 5000 MHz
38
5000 ~ 6000 MHz
30
6000 ~ 7150 MHz
Power Capacity
3
W
-
Parameters
Specifications
Filter Dimension
1.6 x 0.8 x 0.65 mm
Mounting Type
Surface Mount
Parameters
Specifications
Operating Temperature
-40ºC ~ +85ºC
Storage Temperature
-10ºC ~ +40ºC (70% R.H. max)
Humidity
90% - 95% R.H.
Electrical Specifications
Environmental Specifications
Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com