Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet (PDF) - STMicroelectronics

M48T02 Datasheet PDF - STMicroelectronics
Part # M48T02
Download  M48T02 Download
File Size   378.7 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM

M48T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T02 Datasheet PDF - STMicroelectronics

Part # M48T02
Download  M48T02 Click to download

File Size   378.7 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM

M48T02 Datasheet (HTML) - STMicroelectronics


M48T02 Product details

Features
■ Integrated, ultra low power SRAM, real-time
clock, and power-fail control circuit
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Typical clock accuracy of ±1 minute a month,
at 25 °C
■ Software controlled clock calibration for high
accuracy applications
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
(VPFD = power-fail deselect voltage):
– M48T02: VCC = 4.75 to 5.5 V;
4.5 V ≤ VPFD ≤ 4.75 V
– M48T12: VCC = 4.5 to 5.5 V;
4.2 V ≤ VPFD ≤ 4.5 V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ Pin and function compatible with JEDEC
standard 2 K x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect




Similar Part No. - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T02 STMICROELECTRONICS-M48T02 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T02 STMICROELECTRONICS-M48T02 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T02 ARTSCHIP-M48T02 Datasheet
6Mb / 21P
TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02-120PC1 STMICROELECTRONICS-M48T02-120PC1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
More results


Similar Description - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
07-Jun-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com