Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet (PDF) - STMicroelectronics

M48T02 Datasheet PDF - STMicroelectronics
Part # M48T02
Download  M48T02 Download
File Size   94.27 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit 2Kb x8 TIMEKEEPER[ SRAM

M48T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T02 Datasheet PDF - STMicroelectronics

Part # M48T02
Download  M48T02 Click to download

File Size   94.27 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit 2Kb x8 TIMEKEEPER[ SRAM

M48T02 Datasheet (HTML) - STMicroelectronics


M48T02 Product details

DESCRIPTION
The M48T02,12 TIMEKEEPER RAM is a 2K x 8 non-volatile static RAM and real time clock which is pin and functional compatible with the MK48T02,12.
   
■ INTEGRATED ULTRA LOW POWER SRAM,
    REAL TIME CLOCK and POWER-FAIL
    CONTROL CIRCUIT
■ BYTEWIDE RAM-LIKE CLOCK ACCESS
■ BCD CODED YEAR, MONTH, DAY, DATE,
    HOURS, MINUTES and SECONDS
■ CLOCK ACCURACY of ± 1 MINUTE a
    MONTH, @ 25°C
■ SOFTWARE CONTROLLED CLOCK
    CALIBRATION for HIGH ACCURACY
    APPLICATIONS
■ AUTOMATICPOWER-FAILCHIPDESELECTand
    WRITE PROTECTION
■ CHOICE of TWO WRITE PROTECT
    VOLTAGES:
    – M48T02: 4.5V ≤ VPFD ≤ 4.75V
    – M48T12: 4.2V ≤ VPFD ≤ 4.5V
■ SELF CONTAINED BATTERY and CRYSTAL
    in the CAPHAT DIP PACKAGE
■ 10 YEARS of DATA RETENTION and CLOCK
    OPERATION in the ABSENCE of POWER
■ PIN and FUNCTION COMPATIBLE with
    JEDEC STANDARD 2K x 8 SRAMs
   




Similar Part No. - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T02 STMICROELECTRONICS-M48T02 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T02 ARTSCHIP-M48T02 Datasheet
6Mb / 21P
TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
378Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
07-Jun-2011
M48T02-120PC1 STMICROELECTRONICS-M48T02-120PC1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
More results


Similar Description - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
16 Kbit 2Kb x8 Parallel EEPROM
Aug-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com