Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T02
Description  16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T02 Datasheet HTML 1Page - STMicroelectronics M48T02 Datasheet HTML 2Page - STMicroelectronics M48T02 Datasheet HTML 3Page - STMicroelectronics M48T02 Datasheet HTML 4Page - STMicroelectronics M48T02 Datasheet HTML 5Page - STMicroelectronics M48T02 Datasheet HTML 6Page - STMicroelectronics M48T02 Datasheet HTML 7Page - STMicroelectronics M48T02 Datasheet HTML 8Page - STMicroelectronics M48T02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M48T02
M48T12
16 Kbit (2Kb x8) TIMEKEEPER® SRAM
November 1998
1/15
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK and POWER-FAIL
CONTROL CIRCUIT
BYTEWIDE
™ RAM-LIKECLOCK ACCESS
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES and SECONDS
TYPICAL CLOCK ACCURACY of
± 1 MINUTE
a MONTH, AT 25
°C
SOFTWARE CONTROLLED CLOCK
CALIBRATION for HIGH ACCURACY
APPLICATIONS
AUTOMATIC POWER-FAILCHIP DESELECTand
WRITE PROTECTION
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48T02: 4.5V
≤ VPFD ≤ 4.75V
– M48T12: 4.2V
≤ VPFD ≤ 4.5V
SELF-CONTAINED BATTERY and CRYSTAL
in the CAPHAT DIP PACKAGE
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 2Kb x8 SRAMs
DESCRIPTION
The M48T02/12 TIMEKEEPER® RAM is a 2Kb x8
non-volatile static RAM and real time clock which
is pin and functional compatible with the DS1642.
A special 24 pin 600mil DIP CAPHAT
™ package
houses the M48T02/12 silicon with a quartz crystal
and a long life lithium button cell to form a highly
integratedbatterybacked-upmemory and real time
clock solution.
AI01027
11
A0-A10
W
DQ0-DQ7
VCC
M48T02
M48T12
G
VSS
8
E
Figure 1. Logic Diagram
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
24
1
PCDIP24 (PC)
Battery/Crystal CAPHAT


Similar Part No. - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T02 STMICROELECTRONICS-M48T02 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T02 ARTSCHIP-M48T02 Datasheet
6Mb / 21P
TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
378Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
07-Jun-2011
M48T02-120PC1 STMICROELECTRONICS-M48T02-120PC1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
More results

Similar Description - M48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
16 Kbit 2Kb x8 Parallel EEPROM
Aug-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com