Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59 Datasheet (PDF) - STMicroelectronics

M48T59 Datasheet PDF - STMicroelectronics
Part # M48T59
Download  M48T59 Download
File Size   168.0 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 TIMEKEEPER SRAM

M48T59 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T59 Datasheet PDF - STMicroelectronics

Part # M48T59
Download  M48T59 Click to download

File Size   168.0 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 TIMEKEEPER SRAM

M48T59 Datasheet (HTML) - STMicroelectronics


M48T59 Product details

SUMMARY DESCRIPTION
The M48T59/Y/V TIMEKEEPER® RAM is an 8 Kb x8 non-volatile static RAM and real time clock. The monolithic chip is available in two special packages to provide a highly integrated battery backed-up memory and real time clock solution.
   
FEATURES SUMMARY
■ INTEGRATED ULTRA LOW POWER SRAM,
    REAL TIME CLOCK, POWER-FAIL
    CONTROL CIRCUIT, AND BATTERY
■ FREQUENCY TEST OUTPUT FOR REAL
    TIME CLOCK SOFTWARE CALIBRATION
■ AUTOMATIC POWER-FAIL CHIP
    DESELECT AND WRITE PROTECTION
■ WRITE PROTECT VOLTAGES
    (VPFD = Power-fail Deselect Voltage):
    – M48T59: VCC = 4.75 to 5.5V
        4.5V ≤ VPFD ≤ 4.75V
    – M48T59Y: VCC = 4.5 to 5.5V
        4.2V ≤ VPFD ≤ 4.5V
    – M48T59V*: VCC = 3.0 to 3.6V
        2.7V ≤ VPFD ≤ 3.0V
■ SELF-CONTAINED BATTERY AND
    CRYSTAL IN THE CAPHAT™ DIP
    PACKAGE
■ PACKAGING INCLUDES A 28-LEAD SOIC
    AND SNAPHAT® TOP (to be ordered
    separately)
■ SOIC PACKAGE PROVIDES DIRECT
    CONNECTION FOR A SNAPHAT TOP
    WHICH CONTAINS THE BATTERY AND
    CRYSTAL
■ MICROPROCESSOR POWER-ON RESET
    (Valid even during battery back-up mode)
■ PROGRAMMABLE ALARM OUTPUT
    ACTIVE IN THE BATTERY BACK-UP MODE
■ BATTERY LOW FLAG
   




Similar Part No. - M48T59

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T59 STMICROELECTRONICS-M48T59 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1 STMICROELECTRONICS-M48T59-70MH1 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1E STMICROELECTRONICS-M48T59-70MH1E Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1F STMICROELECTRONICS-M48T59-70MH1F Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70PC1 STMICROELECTRONICS-M48T59-70PC1 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
More results


Similar Description - M48T59

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com