Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z58 Datasheet (PDF) - STMicroelectronics

M48Z58 Datasheet PDF - STMicroelectronics
Part # M48Z58
Download  M48Z58 Download
File Size   133.81 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x 8 ZEROPOWER SRAM

M48Z58 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z58 Datasheet PDF - STMicroelectronics

Part # M48Z58
Download  M48Z58 Click to download

File Size   133.81 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x 8 ZEROPOWER SRAM

M48Z58 Datasheet (HTML) - STMicroelectronics


M48Z58 Product details

Description
The M48Z58/Y ZEROPOWER® RAM is an 8 Kbit x 8 non-volatile static RAM that integrates power-fail deselect circuitry and battery control logic on a single die. The monolithic chip is available in two special packages to provide a highly integrated battery-backed memory solution.

Features
■ Integrated, ultra low power SRAM, power-fail control circuit, and battery
■ READ cycle time equals WRITE cycle time
■ Automatic power-fail chip deselect and WRITE protection
■ WRITE protect voltages: (VPFD = power-fail deselect voltage)
    – M48Z58: VCC = 4.75 to 5.5 V; 4.5 V ≤ VPFD ≤ 4.75 V
    – M48Z58Y: VCC = 4.5 to 5.5 V; 4.2 V ≤ VPFD ≤ 4.5 V
■ Self-contained battery in the CAPHAT™ DIP package
■ Packaging includes a 28-lead SOIC and SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a SNAPHAT® top which contains the battery
■ Pin and function compatible with JEDEC standard 8 Kbit x 8 SRAMs
■ RoHS compliant
     – Lead-free second level interconnect




Similar Part No. - M48Z58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70MH1E STMICROELECTRONICS-M48Z58-70MH1E Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70MH1F STMICROELECTRONICS-M48Z58-70MH1F Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70PC1E STMICROELECTRONICS-M48Z58-70PC1E Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70PC1F STMICROELECTRONICS-M48Z58-70PC1F Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
More results


Similar Description - M48Z58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
Dec-2005
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com