Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet (PDF) - STMicroelectronics

M48T58 Datasheet PDF - STMicroelectronics
Part # M48T58
Download  M48T58 Download
File Size   135.08 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 TIMEKEEPER SRAM

M48T58 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T58 Datasheet PDF - STMicroelectronics

Part # M48T58
Download  M48T58 Click to download

File Size   135.08 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 TIMEKEEPER SRAM

M48T58 Datasheet (HTML) - STMicroelectronics


M48T58 Product details

Summary description
The M48T58/Y TIMEKEEPER® RAM is a 8Kb x 8 non-volatile static RAM and real time clock. The monolithic chip is available in two special packages to provide a highly integrated battery backed-up memory and real time clock solution.

Features
■ Integrated, ultra low power SRAM, real time clock, power-fail control circuit and battery
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours, minutes, and seconds
■ Frequency test output for real time clock
■ Automatic power-fail chip deselect and write protection
■ Write protect voltages (VPFD = power-fail deselect voltage):
    – M48T58: VCC = 4.75 to 5.5V 4.5V ≤ VPFD ≤ 4.75V
    – M48T58Y: VCC = 4.5 to 5.5V 4.2V ≤ VPFD ≤ 4.5V
■ Self-contained battery and crystal in the CAPHAT™ dip package
■ Packaging includes a 28-lead SOIC and SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a snaphat housing containing the battery and crystal
■ Pin and function compatible with JEDEC standard 8 Kb x8 SRAMs
■ RoHS compliant
    – Lead-free second level interconnect




Similar Part No. - M48T58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58 STMICROELECTRONICS-M48T58 Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T58 STMICROELECTRONICS-M48T58 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T58 STMICROELECTRONICS-M48T58 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58-70MH1 STMICROELECTRONICS-M48T58-70MH1 Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
More results


Similar Description - M48T58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com