Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T58
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 2Page - STMicroelectronics M48T58 Datasheet HTML 3Page - STMicroelectronics M48T58 Datasheet HTML 4Page - STMicroelectronics M48T58 Datasheet HTML 5Page - STMicroelectronics M48T58 Datasheet HTML 6Page - STMicroelectronics M48T58 Datasheet HTML 7Page - STMicroelectronics M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Symbol
Parameter
M48T58 / M48T58Y
Unit
-70
Min
Max
tAVAV
Read Cycle Time
70
ns
tAVQV
(1)
Address Valid to Output Valid
70
ns
tE1LQV
(1)
Chip Enable 1 Low to Output Valid
70
ns
tE2HQV
(1)
Chip Enable 2 High to Output Valid
70
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
ns
tE1LQX
(2)
Chip Enable 1 Low to Output Transition
5
ns
tE2HQX
(2)
Chip Enable 2 High to Output Transition
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
ns
tE1HQZ
(2)
Chip Enable 1 High to Output Hi-Z
25
ns
tE2LQZ
(2)
Chip Enable 2 Low to Output Hi-Z
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
ns
tAXQX
(1)
Address Transition to Output Transition
10
ns
Notes: 1. CL = 100pF (see Figure 4).
2. CL = 5pF (see Figure 4).
Table 9. Read Mode AC Characteristics
(TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
AI00962
tAVAV
tAVQV
tAXQX
tE1LQV
tE1LQX
tE1HQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A12
E1
G
DQ0-DQ7
tE2HQV
tE2HQX
VALID
tE2LQZ
E2
Figure 6. Read Mode AC Waveforms
Note: Write Enable (W) = High.
6/17
M48T58, M48T58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com