Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T58
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 4 Page - STMicroelectronics

  M48T58 Datasheet HTML 1Page - STMicroelectronics M48T58 Datasheet HTML 2Page - STMicroelectronics M48T58 Datasheet HTML 3Page - STMicroelectronics M48T58 Datasheet HTML 4Page - STMicroelectronics M48T58 Datasheet HTML 5Page - STMicroelectronics M48T58 Datasheet HTML 6Page - STMicroelectronics M48T58 Datasheet HTML 7Page - STMicroelectronics M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
(1)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±5
µA
ICC
Supply Current
Outputs open
50
mA
ICC1
Supply Current (Standby) TTL
E1 = VIH, E2 = VIL
3mA
ICC2
Supply Current (Standby) CMOS
E1 = VCC – 0.2V,
E2 = VSS + 0.2V
3mA
VIL
(2)
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
Output Low Voltage (FT)
(3)
IOL = 10mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Notes: 1. Outputs Deselected.
2. Negative spikes of –1V allowed for up to 10ns once per Cycle.
3. The FT pin is Open Drain.
Table 6. DC Characteristics
(TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
CIO
(3)
Input / Output Capacitance
VOUT = 0V
10
pF
Notes: 1. Effective capacitance measured with power supply at 5V.
2. Sampled only, not 100% tested.
3. Outputs deselected
Table 5. Capacitance (1, 2)
(TA = 25
°C, f = 1 MHz )
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage (M48T58)
4.5
4.6
4.75
V
VPFD
Power-fail Deselect Voltage (M48T58Y)
4.2
4.35
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(2)
Expected Data Retention Time
7
YEARS
Notes: 1. All voltages referenced to VSS.
2. At 25°C
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70
°C)
For the 28 lead SOIC, the battery/crystal package
( i.e. SNA PHAT ) p art num ber is "M 4T28-
BR12SH1".
As Figure 3 shows, the static memory array and the
q ua r t z co nt rol led clock o sci lla t or of t h e
M48T58/58Y are integrated on one silicon chip.
The two circuits are interconnected at the upper
eight memory locations to provide user accessible
BYTEWIDE
™ clock information in the bytes with
addresses 1FF8h-1FFFh. The clock locations con-
tain the year, month, date, day, hour, minute, and
second in 24 hour BCD format. Corrections for 28,
29 (leap year), 30, and 31 day months are made
automatically. Byte 1FF8h is the clock control reg-
ister. This byte controls user access to the clock
information and also stores the clock calibration
setting.
DESCRIPTION (cont’d)
4/17
M48T58, M48T58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com