Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T58
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics M48T58 Datasheet HTML 11Page - STMicroelectronics M48T58 Datasheet HTML 12Page - STMicroelectronics M48T58 Datasheet HTML 13Page - STMicroelectronics M48T58 Datasheet HTML 14Page - STMicroelectronics M48T58 Datasheet HTML 15Page - STMicroelectronics M48T58 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Two methods are available for ascertaining how
much calibration a given M48T58/58Y may require.
The first involves simply setting the clock, letting it
run for a month and comparing it to a known
accurate reference (like WWV broadcasts). While
that may seem crude, it allows the designer to give
the end user the ability to calibrate his clock as his
environment may require, even after the final prod-
uct is packaged in a non-user serviceable enclo-
sure. All the designer has to do is provide a simple
utility that accesses the Calibration byte.
The second approach is better suited to a manu-
facturing environment, and involves the use of
some test equipment. When the Frequency Test
(FT) bit, the seventh-most significant bit in the Day
Register, is set to a ’1’, and the oscillator is running
at 32,768 Hz, the Frequency Test (Pin 1) will toggle
at 512 Hz. Any deviation from 512 Hz indicates the
degree and direction of oscillator frequency shift at
the test temperature. For example, a reading of
512.01024 Hz would indicate a +20 ppm oscillator
frequency error, requiring a -10 (WR001010) to be
loaded into the Calibration Byte for correction. Note
that setting or changing the Calibration Byte does
not affect the Frequency test output frequency.
The FT bit must be set using the same method used
to set the clock, using the Write bit.
The Frequency Test pin is an open drain output
which requires a pull-up resistor for proper opera-
tion. A 500-10k
Ω resistor is recommended in order
to control the rise time.
For more information on calibration, see the Appli-
cation Note AN934 "TIMEKEEPER Calibration".
POWER SUPPLY DECOUPLING and UNDER-
SHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, result-
ing in spikes on the VCC bus. These transients can
be reduced if capacitors are used to store energy,
which stabilizes the VCC bus. The energy stored in
the bypass capacitors will be released as low going
spikes are generated or energy will be absorbed
when overshoots occur. A ceramic bypass capaci-
tor value of 0.1
µF (as shown in Figure 11) is rec-
ommended in order to provide the needed filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate
negative voltage spikes on VCC that drive it to
values below VSS by as much as one Volt. These
negative spikes can cause data corruption in the
SRAM while in battery backup mode. To protect
from these voltage spikes, it is recommeded to
connect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.
CLOCK OPERATIONS (cont’d)
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
Figure 11. Supply Voltage Protection
12/17
M48T58, M48T58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com