Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T58
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics M48T58 Datasheet HTML 11Page - STMicroelectronics M48T58 Datasheet HTML 12Page - STMicroelectronics M48T58 Datasheet HTML 13Page - STMicroelectronics M48T58 Datasheet HTML 14Page - STMicroelectronics M48T58 Datasheet HTML 15Page - STMicroelectronics M48T58 Datasheet HTML 16Page - STMicroelectronics M48T58 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ORDERING INFORMATION SCHEME
Supply Voltage and Write
Protect Voltage
58
(1)
VCC = 4.75V to 5.5V
VPFD = 4.5V to 4.75V
58Y
VCC = 4.5V to 5.5V
VPFD = 4.2V to 4.5V
Speed
-70 70ns
Package
PC
PCDIP28
MH
(2) SOH28
Temp. Range
1
0 to 70
°C
Shipping Method
for SOIC
blank Tubes
TR
Tape & Reel
Example:
M48T58Y
-70 MH
1
TR
Notes: 1. The M48T58 part is offered with the PCDIP28 (i.e. CAPHAT) package only.
2. The SOIC package (SOH28) requires the battery/crystal package (SNAPHAT) which is ordered separately under the part number
"M4T28-BR12SH1" in plastic tube or "M4T28-BR12SH1TR" in Tape & Reel form.
Caution: Do not place the SNAPHAT battery/crystal package "M4T28-BR12SH1" in conductive foam since this will drain the lithium
button-cell battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
13/17
M48T58, M48T58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com