Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64C Datasheet (PDF) - STMicroelectronics

M28C64C Datasheet PDF - STMicroelectronics
Part # M28C64C
Download  M28C64C Download
File Size   100.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 Parallel EEPROM

M28C64C Datasheet (PDF)

Go To PDF Page Download Datasheet
M28C64C Datasheet PDF - STMicroelectronics

Part # M28C64C
Download  M28C64C Click to download

File Size   100.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x8 Parallel EEPROM

M28C64C Datasheet (HTML) - STMicroelectronics


M28C64C Product details

DESCRIPTION
The M28C64C is an 8 Kbit x8 low power Parallel EEPROM fabricated with STMicroelectronics proprietary single polysilicon CMOS technology. The device offers fast access time with low power dissipation and requires a 5V power supply.

FAST ACCESS TIME: 150ns
SINGLE 5V±10% SUPPLY VOLTAGE
LOW POWER CONSUMPTION
FAST WRITE CYCLE
– 32 Bytes Page Write Operation
– Byte or Page Write Cycle: 5ms
ENHANCED END OF WRITE DETECTION
– Ready/Busy Open Drain Output(for M28C64C product only)
– Data Polling
– Toggle Bit
PAGE LOAD TIMER STATUS BIT
HIGH RELIABILITY SINGLE POLYSILICON, CMOS TECHNOLOGY
– Endurance >100,000 Erase/Write Cycles
– Data Retention >40 Years
JEDEC APPROVED BYTEWIDE PIN OUT




Similar Part No. - M28C64C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28C64-12BS1T STMICROELECTRONICS-M28C64-12BS1T Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28C64-12BS3T STMICROELECTRONICS-M28C64-12BS3T Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28C64-12BS6T STMICROELECTRONICS-M28C64-12BS6T Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28C64-12KA1T STMICROELECTRONICS-M28C64-12KA1T Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
More results


Similar Description - M28C64C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
16 Kbit 2Kb x8 Parallel EEPROM
Aug-1998
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com