Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet (PDF) - STMicroelectronics

M28C64 Datasheet PDF - STMicroelectronics
Part # M28C64
Download  M28C64 Download
File Size   153.48 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection

M28C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28C64 Datasheet PDF - STMicroelectronics

Part # M28C64
Download  M28C64 Click to download

File Size   153.48 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection

M28C64 Datasheet (HTML) - STMicroelectronics


M28C64 Product details

DESCRIPTION
The M28C64 devices consist of 8192x8 bits of low power, parallel EEPROM, fabricated with STMicroelectronics’ proprietary single polysilicon CMOS technology. The devices offer fast access time, with low power dissipation, and require a single voltage supply (5V or 3V, depending on the option chosen).
The device has been designed to offer a flexible microcontroller interface, featuring both hardware and software handshaking, with Ready/Busy, Data Polling and Toggle Bit. The device supports a 64 byte Page Write operation. Software Data Protection (SDP) is also supported, using the standard JEDEC algorithm.

■ Fast Access Time:
   – 90 ns at VCC=5 V forM28C64 and M28C64-A
   – 120 ns at VCC=3 V for M28C64-xxW
■ Single Supply Voltage:
   – 4.5 V to 5.5 V for M28C64 and M28C64-A
   – 2.7 V to 3.6 V for M28C64-xxW
   ■ Low Power Consumption
■ Fast BYTE and PAGE WRITE (up to 64 Bytes)
   – 1 ms at VCC=4.5 V for M28C64-A
   – 3 ms at VCC=4.5 V for M28C64
   – 5 ms at VCC=2.7 V for M28C64-xxW
■ Enhanced Write Detection and Monitoring:
   – Ready/Busy Open Drain Output
   – Data Polling
   – Toggle Bit
   – Page Load Timer Status
■ JEDEC Approved Bytewide Pin-Out
■ Software Data Protection
■ 100000 Erase/Write Cycles (minimum)
■ Data Retention (minimum):
   – 40 Years for M28C64 and M28C64-xxW
   – 10 Years for M28C64-A




Similar Part No. - M28C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150K1 STMICROELECTRONICS-M28C64C-150K1 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150K6 STMICROELECTRONICS-M28C64C-150K6 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150MS1 STMICROELECTRONICS-M28C64C-150MS1 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150MS6 STMICROELECTRONICS-M28C64C-150MS6 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
More results


Similar Description - M28C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
logo
STMicroelectronics
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com