Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics M28C64 Datasheet HTML 11Page - STMicroelectronics M28C64 Datasheet HTML 12Page - STMicroelectronics M28C64 Datasheet HTML 13Page - STMicroelectronics M28C64 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
M28C64
10/24
Table 9A. Read Mode AC Characteristics for M28C64 and M28C64-A (5V range)
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5 to 5.5 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Table 9B. Read Mode AC Characteristics for M28C64 (5V range)
(TA = –40 to 125 °C; VCC = 4.5 to 5.5 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Symbol
Alt.
Parameter
Test
Condi t
ion
M28C64
Unit
-90
-12
-15
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
90
120
150
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
90
120
150
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
40
45
50
ns
tEHQZ
1
tDF
Chip Enable High to Output Hi-Z
G = VIL
040
0
45050
ns
tGHQZ
1
tDF
Output Enable High to Output Hi-Z
E=VIL
040
0
45050
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
000
ns
Symbol
Alt.
Parameter
Test
Condi t
ion
M28C64
Unit
-12
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
120
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
120
ns
tGLQV
tOE
Output Enable Low to Output Valid
E=VIL
45
ns
tEHQZ
1
tDF
Chip Enable High to Output Hi-Z
G= VIL
065
ns
tGHQZ
1
tDF
Output Enable High to Output Hi-Z
E=VIL
065
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com