Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics M28C64 Datasheet HTML 11Page - STMicroelectronics M28C64 Datasheet HTML 12Page - STMicroelectronics M28C64 Datasheet HTML 13Page - STMicroelectronics M28C64 Datasheet HTML 14Page - STMicroelectronics M28C64 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
M28C64
Table 9C. Read Mode AC Characteristics for M28C64-xxW (3V range)
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Symbol
Alt.
Parameter
Test
Condit
ion
M28C64-xxW
Unit
-12
-15
-20
-25
-30
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E=VIL,
G= VIL
120
150
200
250
300
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
120
150
200
250
300
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E= VIL
80
80
100
150
150
ns
tEHQZ
1
tDF
Chip Enable High to
Output Hi-Z
G= VIL
045
0
50
055
0
60
060
ns
tGHQZ
1
tDF
Output Enable High
to Output Hi-Z
E= VIL
045
0
50
055
0
60
060
ns
tAXQX
tOH
Address Transition
to Output Transition
E=VIL,
G= VIL
0
0
000
ns
Figure 10. Read Mode AC Waveforms (with Write Enable, W, high)
Note: 1. Write Enable (W) = VIH
AI00749B
VALID
tAVQV
tAXQX
tGLQV
tEHQZ
tGHQZ
DATA OUT
A0-A12
E
G
DQ0-DQ7
tELQV
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com