Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 2Page - STMicroelectronics M28C64 Datasheet HTML 3Page - STMicroelectronics M28C64 Datasheet HTML 4Page - STMicroelectronics M28C64 Datasheet HTML 5Page - STMicroelectronics M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
M28C64
6/24
volatile latch, and is remembered across periods
of the power being off.
The Software Data Protection Enable command
consists of the writing of three specific data bytes
to three specific memory locations (each location
being on a different page), as shown in Figure 4.
Similarly to disable the Software Data Protection,
the user has to write specific data bytes into six
different locations, as shown in Figure 5. This
complex series of operations protects against the
chance of inadvertent enabling or disabling of the
Software Data Protection mechanism.
When SDP is enabled, the memory array can still
have data written to it, but the sequence is more
complex
(and
hence
better
protected
from
inadvertent use). The sequence is as shown in
Figure 4. This consists of an unlock key, to enable
the write action, at the end of which the SDP
continues to be enabled. This allows the SDP to
be enabled, and data to be written, within a single
Write cycle (tWC).
Software Chip Erase
Using this function, available on the M28C64 but
not on the M28C64-A or M28C64-xxW, the
contents of the entire memory are erased (set to
FFh) by holding Chip Enable (E) low, and holding
Output Enable (G) at VCC+7.0V. The chip is
cleared when a 10 ms low pulse is applied to the
Write Enable (W) signal (see Figure 7 and Table 5
for details).
Status Bits
The devices provide three status bits (DQ7, DQ6
and DQ5), and one output pin (RB), for use during
write operations. These allow the application to
use the write time latency of the device for getting
on with other work. These signals are available on
the I/O port bits DQ7, DQ6 and DQ5 (but only
during programming cycle, once a byte or more
has been latched into the memory) or continuously
on the RB output pin.
Data Polling bit (DQ7). The internally timed write
cycle starts after tWLQ5H (defined in Table 10A to
Table 10C) has elapsed since the previous byte
was latched in to the memory. The value of the
DQ7 bit of this last byte, is used as a signal
Figure 5. Software Data Protection Disable Algorithm
AI01357B
Write AAh in
Address 1555h
Write 55h in
Address 0AAAh
Write 80h in
Address 1555h
Unprotected State
Write AAh in
Address 1555h
Write 55h in
Address 0AAAh
Write 20h in
Address 1555h
Page Write
Timing
Figure 6. Status Bit Assignment
AI02815
DP
TB
PLTS
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DP
TB
PLTS
Hi-Z
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
= Data Polling
= Toggle Bit
= Page Load Timer Status
= High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com