Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 5Page - STMicroelectronics M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics M28C64 Datasheet HTML 11Page - STMicroelectronics M28C64 Datasheet HTML 12Page - STMicroelectronics M28C64 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/24
M28C64
Table 7. Input and Output Parameters1 (TA =25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Table 8. AC Measurement Conditions
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance
VIN =0 V
6
pF
COUT
Output Capacitance
VOUT =0 V
12
pF
Input Rise and Fall Times
≤ 20 ns
Input Pulse Voltages (M28C64, M28C64-A)
0.4 V to 2.4 V
Input Pulse Voltages (M28C64-xxW)
0 V to VCC-0.3V
Input and Output Timing Reference Voltages (M28C64, M28C64-A)
0.8 V to 2.0 V
Input and Output Timing Reference Voltages (M28C64-xxW)
0.5 VCC
Figure 8. AC Testing Input Output Waveforms
AI02101B
4.5V to 5.5V Operating Voltage
2.7V to 3.6V Operating Voltage
VCC – 0.3V
0V
0.5 VCC
2.4V
0.4V
2.0V
0.8V
Figure 9. AC Testing Equivalent Load Circuit
AI02102B
OUT
CL = 100pF
CL includes JIG capacitance
IOL
DEVICE
UNDER
TEST
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com