Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 4 Page - STMicroelectronics

  M28C64 Datasheet HTML 1Page - STMicroelectronics M28C64 Datasheet HTML 2Page - STMicroelectronics M28C64 Datasheet HTML 3Page - STMicroelectronics M28C64 Datasheet HTML 4Page - STMicroelectronics M28C64 Datasheet HTML 5Page - STMicroelectronics M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M28C64
4/24
Table 3. Operating Modes 1
Note: 1. 0=
VIL;1=VIH;X = VIH or VIL; V=12V ± 5%.
Mode
E
G
W
DQ0-DQ7
Stand-by
1
X
X
Hi-Z
Output Disable
X
1
X
Hi-Z
Write Disable
X
X
1
Hi-Z
Read
0
0
1
Data Out
Write
0
1
0
Data In
Chip Erase
0
V
0
Hi-Z
SIGNAL DESCRIPTION
The external connections to the device are
summarized in Table 1, and their use in Table 3.
Addresses (A0-A12). The address inputs are
used to select one byte from the memory array
during a read or write operation.
Data In/Out (DQ0-DQ7). The contents of the data
byte are written to, or read from, the memory array
through the Data I/O pins.
Chip Enable (E). The chip enable input must be
held low to enable read and write operations.
When Chip Enable is high, power consumption is
reduced.
Output Enable (G). The Output Enable input
controls the data output buffers, and is used to
initiate read operations.
Write Enable (W). The Write Enable input controls
whether the addressed location is to be read, from
or written to.
Ready/Busy (RB). Ready/Busy is an open drain
output that can be used to detect the end of the
internal write cycle.
DEVICE OPERATION
In order to prevent data corruption and inadvertent
write operations, an internal VCC comparator
inhibits the Write operations if the VCC voltage is
lower than VWI (see Table 4A and Table 4B). Once
the voltage applied on the VCC pin goes over the
VWI threshold (VCC>VWI), write access to the
memory is allowed after a time-out tPUW,as
specified in Table 4A and Table 4B.
Further protection against data corruption is
offered by the E and W low pass filters: any glitch,
on the E and W inputs, with a pulse width less than
10 ns (typical) is internally filtered out to prevent
inadvertent write operations to the memory.
Table 4A. Power-Up Timing1 for M28C64 (5V range)
(TA = 0 to 70 °C or –40 to 85 °C or –40 to 125 °C; VCC = 4.5 to 5.5 V)
Note: 1. Sampled only, not 100% tested.
Table 4B. Power-Up Timing1 for M28C64-xxW (3V range)
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)10
ms
VWI
Write Inhibit Threshold
3.0
4.2
V
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)15
ms
VWI
Write Inhibit Threshold
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com