Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics M28C64 Datasheet HTML 10Page - STMicroelectronics M28C64 Datasheet HTML 11Page - STMicroelectronics M28C64 Datasheet HTML 12Page - STMicroelectronics M28C64 Datasheet HTML 13Page - STMicroelectronics M28C64 Datasheet HTML 14Page - STMicroelectronics M28C64 Datasheet HTML 15Page - STMicroelectronics M28C64 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
M28C64
12/24
Table 10A. Write Mode AC Characteristics for M28C64 and M28C64-A (5V range)
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5 to 5.5 V)
Note: 1. With a 3.3 k
Ω pull-up resistor.
Symbol
Alt.
Parameter
Test Condit ion
M28C64
Unit
Min
Max
tAVWL
tAS
Address Valid to Write Enable Low
E= VIL,G = VIH
0ns
tAVEL
tAS
Address Valid to Chip Enable Low
G= VIH,W = VIL
0ns
tELWL
tCES
Chip Enable Low to Write Enable Low
G= VIH
0ns
tGHWL
tOES
Output Enable High to Write Enable Low
E = VIL
0ns
tGHEL
tOES
Output Enable High to Chip Enable Low
W= VIL
0ns
tWLEL
tWES
Write Enable Low to Chip Enable Low
G = VIH
0ns
tWLAX
tAH
Write Enable Low to Address Transition
50
ns
tELAX
tAH
Chip Enable Low to Address Transition
50
ns
tWLDV
tDV
Write Enable Low to Input Valid
E= VIL,G = VIH
1
µs
tELDV
tDV
Chip Enable Low to Input Valid
G= VIH,W = VIL
1
µs
tELEH
tWP
Chip Enable Low to Chip Enable High
50
ns
tWHEH
tCEH
Write Enable High to Chip Enable High
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
0
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
ns
tEHWH
tWEH
Chip Enable High to Write Enable High
0
ns
tWHDX
tDH
Write Enable High to Input Transition
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
50
1000
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
ns
tWLQ5H
tBLC
Time-out after last byte write (M28C64)
100
µs
Time-out after last byte write (M28C64-A)
20
µs
tQ5HQ5X
tWC
Write Cycle Time (M28C64)
3
ms
Write Cycle Time (M28C64-A)
1
ms
tWHRL
tDB
Write Enable High to Ready/Busy Low
Note 1
150
ns
tEHRL
tDB
Chip Enable High to Ready/Busy Low
Note 1
150
ns
tDVWH
tDS
Data Valid before Write Enable High
50
ns
tDVEH
tDS
Data Valid before Chip Enable High
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com