Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M28C64 Datasheet HTML 16Page - STMicroelectronics M28C64 Datasheet HTML 17Page - STMicroelectronics M28C64 Datasheet HTML 18Page - STMicroelectronics M28C64 Datasheet HTML 19Page - STMicroelectronics M28C64 Datasheet HTML 20Page - STMicroelectronics M28C64 Datasheet HTML 21Page - STMicroelectronics M28C64 Datasheet HTML 22Page - STMicroelectronics M28C64 Datasheet HTML 23Page - STMicroelectronics M28C64 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
M28C64
22/24
Table 15. TSOP28 - 28 lead Plastic Thin Small Outline, 8 x 13.4 mm
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.25
0.049
A1
0.20
0.008
A2
0.95
1.15
0.037
0.045
B
0.17
0.27
0.007
0.011
C
0.10
0.21
0.004
0.008
D
13.20
13.60
0.520
0.535
D1
11.70
11.90
0.461
0.469
E
7.90
8.10
0.311
0.319
e
0.55
–
–
0.022
–
–
L
0.50
0.70
0.020
0.028
α
0
°
5
°
0
°
5
°
N28
28
CP
0.10
0.004
Figure 20. TSOP28 (NS)
Note:
1. Drawing is not to scale.
TSOP-a
D1
E
1N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com