Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28C64
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64 Datasheet(HTML) 1 Page - STMicroelectronics

  M28C64 Datasheet HTML 1Page - STMicroelectronics M28C64 Datasheet HTML 2Page - STMicroelectronics M28C64 Datasheet HTML 3Page - STMicroelectronics M28C64 Datasheet HTML 4Page - STMicroelectronics M28C64 Datasheet HTML 5Page - STMicroelectronics M28C64 Datasheet HTML 6Page - STMicroelectronics M28C64 Datasheet HTML 7Page - STMicroelectronics M28C64 Datasheet HTML 8Page - STMicroelectronics M28C64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
June 2000
M28C64
64 Kbit (8K x 8) Parallel EEPROM
With Software Data Protection
s
Fast Access Time:
–90 ns at VCC=5 V for M28C64 and M28C64-A
– 120 ns at VCC=3 V for M28C64-xxW
s
Single Supply Voltage:
– 4.5 V to 5.5 V for M28C64 and M28C64-A
– 2.7 V to 3.6 V for M28C64-xxW
s
Low Power Consumption
s
Fast BYTE and PAGE WRITE (up to 64 Bytes)
– 1 ms at VCC=4.5 V for M28C64-A
– 3 ms at VCC=4.5 V for M28C64
– 5 ms at VCC=2.7 V for M28C64-xxW
s
Enhanced Write Detection and Monitoring:
– Ready/Busy Open Drain Output
– Data Polling
– Toggle Bit
– Page Load Timer Status
s
JEDEC Approved Bytewide Pin-Out
s
Software Data Protection
s
100000 Erase/Write Cycles (minimum)
s
Data Retention (minimum):
– 40 Years for M28C64 and M28C64-xxW
– 10 Years for M28C64-A
Figure 1. Logic Diagram
AI01350C
13
A0-A12
W
DQ0-DQ7
VCC
M28C64
G
E
VSS
8
RB
Table 1. Signal Names
A0-A12
Address Input
DQ0-DQ7
Data Input / Output
W
Write Enable
E
Chip Enable
G
Output Enable
RB
Ready / Busy
VCC
Supply Voltage
VSS
Ground
PDIP28 (BS)
SO28 (MS)
300 mil width
PLCC32 (KA)
28
1
TSOP28 (NS)
8 x 13.4 mm
28
1


Similar Part No. - M28C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150K1 STMICROELECTRONICS-M28C64C-150K1 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150K6 STMICROELECTRONICS-M28C64C-150K6 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150MS1 STMICROELECTRONICS-M28C64C-150MS1 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M28C64C-150MS6 STMICROELECTRONICS-M28C64C-150MS6 Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
More results

Similar Description - M28C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
logo
STMicroelectronics
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com