Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28LV64 Datasheet (PDF) - STMicroelectronics

M28LV64 Datasheet PDF - STMicroelectronics
Part # M28LV64
Download  M28LV64 Download
File Size   127.47 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION

M28LV64 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28LV64 Datasheet PDF - STMicroelectronics

Part # M28LV64
Download  M28LV64 Click to download

File Size   127.47 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION

M28LV64 Datasheet (HTML) - STMicroelectronics


M28LV64 Product details

DESCRIPTION
The M28LV64 is an 8K x 8 low power Parallel EEPROM fabricated with SGS-THOMSON proprietary single polysilicon CMOS technology. The device offers fast access time with low power dissipation and requires a 2.7V to 3.6V power supply.

■ FAST ACCESS TIME: 200ns
■ SINGLE LOW VOLTAGE OPERATION
■ LOW POWER CONSUMPTION
■ FAST WRITE CYCLE:
    – 64 Bytes Page Write Operation
    – Byte or Page Write Cycle: 3ms Max
■ ENHANCED END OF WRITE DETECTION:
    – Ready/Busy Open Drain Output (only on the M28LV64)
    – Data Polling
    – Toggle Bit
■ PAGE LOAD TIMER STATUS BIT
■ HIGH RELIABILITY SINGLE POLYSILICON, CMOS TECHNOLOGY:
    – Endurance>100,000 Erase/Write Cycles
    – Data Retention >40 Years
■ JEDEC APPROVED BYTEWIDE PIN OUT
■ SOFTWARE DATA PROTECTION
■ The M28LV64 is replaced by the M28C64-xxW




Similar Part No. - M28LV64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28LV16 STMICROELECTRONICS-M28LV16 Datasheet
123Kb / 17P
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
More results


Similar Description - M28LV64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com