Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16 Datasheet (PDF) - STMicroelectronics

M28C16 Datasheet PDF - STMicroelectronics
Part # M28C16
Download  M28C16 Download
File Size   129.1 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION

M28C16 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28C16 Datasheet PDF - STMicroelectronics

Part # M28C16
Download  M28C16 Click to download

File Size   129.1 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION

M28C16 Datasheet (HTML) - STMicroelectronics


M28C16 Product details

DESCRIPTION

The M28C16 is a 2K x 8 low power Parallel EEPROM fabricatedwith SGS-THOMSON proprietary single polysilicon CMOS technology. The device offers fast access time with low power dissipation and requires a 5V power supply. The circuit has been designed to offer a flexible micro controller interface featuring both hardware and software handshaking with Data Polling and Toggle Bit. The M28C16 supports 64 byte page write operation. A Software Data Protection (SDP) is also possible using the standard JEDEC algorithm.



FAST ACCESS TIME: 90ns

SINGLE 5V±10% SUPPLY VOLTAGE

LOW POWER CONSUMPTION

FAST WRITE CYCLE:

  – 64 Bytes Page Write Operation

  – Byte or Page Write Cycle: 3ms Max

ENHANCED END OF WRITE DETECTION:

  – Data Polling

  – Toggle Bit

PAGE LOAD TIMER STATUS BIT

HIGH RELIABILITY SINGLE POLYSILICON, CMOS TECHNOLOGY:

  – Endurance >100,000 Erase/Write Cycles

  – Data Retention >40 Years

JEDEC APPROVED BYTEWIDE PIN OUT

SOFTWARE DATA PROTECTION



M28C16 is replaced by the products described on the document M28C16A




Similar Part No. - M28C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16-120K1TR STMICROELECTRONICS-M28C16-120K1TR Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C16-120K6TR STMICROELECTRONICS-M28C16-120K6TR Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C16-120WK1TR STMICROELECTRONICS-M28C16-120WK1TR Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C16-120WK6TR STMICROELECTRONICS-M28C16-120WK6TR Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C16-150K1TR STMICROELECTRONICS-M28C16-150K1TR Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
More results


Similar Description - M28C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
logo
STMicroelectronics
M28LV16 STMICROELECTRONICS-M28LV16 Datasheet
123Kb / 17P
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com