Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16 Datasheet(HTML) 5 Page - STMicroelectronics

  M28C16 Datasheet HTML 1Page - STMicroelectronics M28C16 Datasheet HTML 2Page - STMicroelectronics M28C16 Datasheet HTML 3Page - STMicroelectronics M28C16 Datasheet HTML 4Page - STMicroelectronics M28C16 Datasheet HTML 5Page - STMicroelectronics M28C16 Datasheet HTML 6Page - STMicroelectronics M28C16 Datasheet HTML 7Page - STMicroelectronics M28C16 Datasheet HTML 8Page - STMicroelectronics M28C16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Software Data Protection
The M28C16 offers a software controlled write
protection facility that allows the user to inhibit all
write modes to the device including the Chip Erase
instruction. This can be useful in protecting the
memory from inadvertent write cycles that may
occur due to uncontrolled bus conditions.
The M28C16 is shipped as standard in the ”unpro-
tected” state meaning that the memory contents
can be changed as required by the user. After the
Software Data Protection enable algorithm is is-
sued, the device enters the ”Protect Mode” of
operation where no further write commands have
any effect on the memory contents. The device
remains in this mode until a valid Software Data
Protection (SDP) disable sequence is received
whereby the device reverts to its ”unprotected”
state. The Software Data Protection is fully non-
volatile and is not changed by power on/off se-
quences.
To enable the Software Data Protection (SDP) the
device requires the user to write (with a Page Write)
three specific data bytes to three specific memory
locations as per Figure 5. Similarly to disable the
Software Data Protection the user has to write
specific data bytes into six different locations as per
Figure 6 (with a Page Write). This complex series
ensures that the user will never enable or disable
the Software Data Protection accidentally.
AI01509B
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE A0h in
Address 555h
SDP is set
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE A0h in
Address 555h
Write Page
(1 up to 64 bytes)
WRITE IN MEMORY
WHEN SDP IS SET
SDP ENABLE ALGORITHM
Page
Write
Instruction
(Note 1)
Page
Write
Instruction
(Note 1)
WRITE
is enabled
Figure 5. Software Data Protection Enable Algorithm and Memory Write
AI01510
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE 80h in
Address 555h
Unprotected State
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE 20h in
Address 555h
Page
Write
Instruction
Figure 6. Software Data Protection Disable
Algorithm
Note: 1. MSB Address bits (A6 to A10) differ during these specific Page Write operations.
5/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com