Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M28C16 Datasheet HTML 8Page - STMicroelectronics M28C16 Datasheet HTML 9Page - STMicroelectronics M28C16 Datasheet HTML 10Page - STMicroelectronics M28C16 Datasheet HTML 11Page - STMicroelectronics M28C16 Datasheet HTML 12Page - STMicroelectronics M28C16 Datasheet HTML 13Page - STMicroelectronics M28C16 Datasheet HTML 14Page - STMicroelectronics M28C16 Datasheet HTML 15Page - STMicroelectronics M28C16 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AI01484B
E
G
W
tWLWH2
tELWL
tGLWH
tWHRH
tWHEH
Figure 16. Chip Erase Wavforms
Symbol
Parameter
Test Condition
Min
Max
Unit
tELWL
Chip Enable Low to Write Enable Low
G = VCC +7V
1
µs
tWHEH
Write Enable High to Chip Enable High
G = VCC +7V
0
ns
tWLWH2
Write Enable Low to Write Enable High
G = VCC +7V
10
ms
tGLWH
Output Enable Low to Write Enable High
G = VCC +7V
1
µs
tWHRH
Write Enable High to Write Enable Low
G = VCC +7V
3
ms
Table 10. Chip Erase AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
12/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com