Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16A Datasheet (PDF) - Microchip Technology

28C16A Datasheet PDF - Microchip Technology
Part # 28C16A
Download  28C16A Download
File Size   64.66 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K (2K x 8) CMOS EEPROM

28C16A Datasheet (PDF)

Go To PDF Page Download Datasheet
28C16A Datasheet PDF - Microchip Technology

Part # 28C16A
Download  28C16A Click to download

File Size   64.66 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K (2K x 8) CMOS EEPROM

28C16A Datasheet (HTML) - Microchip Technology


28C16A Product details

DESCRIPTION
The Microchip Technology Inc. 28C16A is a CMOS 16K non-volatile electrically Erasable PROM. The 28C16A is accessed like a static RAM for the read or write cycles without the need of external components. Dur ing a “byte write”, the address and data are latched internally, freeing the microprocessor address and data bus for other operations. Following the initiation of write cycle, the device will go to a busy state and automatically clear and write the latched data using an internal control timer. To determine when a write cycle is complete, the 28C16A uses Data polling. Data polling allows the user to read the location last written to when the write operation is complete. CMOS design and processing enables this part to be used in systems where reduced power consumption and reliability are required. A complete family of packages is offered to provide the utmost flexibility in applications.

FEATURES
• Fast Read Access Time—150 ns
• CMOS Technology for Low Power Dissipation
   - 30 mA Active
   - 100 µA Standby
• Fast Byte Write Time—200 µs or 1 ms
• Data Retention >200 years
• High Endurance - Minimum 104 Erase/Write Cycles
• Automatic Write Operation
   - Internal Control Timer
   - Auto-Clear Before Write Operation
   - On-Chip Address and Data Latches
• Data polling
• Chip Clear Operation
• Enhanced Data Protection
   - VCC Detector
   - Pulse Filter
   - Write Inhibit
• Electronic Signature for Device Identification
• 5-Volt-Only Operation
• Organized 2Kx8 JEDEC Standard Pinout
• 24-pin Dual-In-Line Package
• 32-pin PLCC Package
• Available for Extended Temperature Ranges:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C




Similar Part No. - 28C16A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A-15/L MICROCHIP-28C16A-15/L Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
28C16A-15/P MICROCHIP-28C16A-15/P Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
28C16A-15I/L MICROCHIP-28C16A-15I/L Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
28C16A-15I/P MICROCHIP-28C16A-15I/P Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
28C16A-20/L MICROCHIP-28C16A-20/L Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
More results


Similar Description - 28C16A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
16K 2K x 8 Battery-Voltage CMOS E2PROM
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
16K 2K x 8 CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com