Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28BV16 Datasheet (PDF) - ATMEL Corporation

AT28BV16 Datasheet PDF - ATMEL Corporation
Part # AT28BV16
Download  AT28BV16 Download
File Size   398.08 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16K 2K x 8 Battery-Voltage CMOS E2PROM

AT28BV16 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28BV16 Datasheet PDF - ATMEL Corporation

Part # AT28BV16
Download  AT28BV16 Click to download

File Size   398.08 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16K 2K x 8 Battery-Voltage CMOS E2PROM

AT28BV16 Datasheet (HTML) - ATMEL Corporation


AT28BV16 Product details

Description
The AT28BV16 is a low-power, high-performance Electrically Erasable and Programmable Read Only Memory with easy to use features. The AT28BV16 is a 16K memory
organized as 2,048 words by 8 bits. The device is manufactured with Atmel’s reliable nonvolatile CMOS technology.
The AT28BV16 is accessed like a static RAM for the read or write cycles without the need of external components. During a byte write, the address and data are latched internally, freeing the microprocessor address and data bus for other operations. Following the initiation of a write cycle, the device will go to a busy state and automatically clear and write the latched data using an internal control timer. The end of a write cycle can be determined by DATA poll ing of I/O7. Once the end of a write cycle has been detected, a new access for a read or a write can begin.
The CMOS technology offers fast access times of 250 ns at low power dissipation. When the chip is deselected the standby current is less than 50 µA.
Atmel’s 28BV16 has additional features to ensure high quality and manufacturability. The device utilizes error correction internally for extended endurance and for improved data retention characteristics. An extra 32-bytes of EEPROM are available for device identification or tracking.

Features
• 2.7 to 3.6V Supply
   – Full Read and Write Operation
• Low Power Dissipation
   – 8 mA Active Current
   – 50 µA CMOS Standby Current
• Read Access Time - 250 ns
• Byte Write - 3 ms
• Direct Microprocessor Control
   – DATA Polling
   – READ/BUSY Open Drain Output on TSOP
• High Reliability CMOS Technology
   – Endurance: 100,000 Cycles
   – Data Retention: 10 Years
• Low Voltage CMOS Compatible Inputs and Outputs
• JEDEC Approved Byte Wide Pinout
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT28BV16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
301Kb / 17P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20 ATMEL-AT28BV256-20 Datasheet
251Kb / 16P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results


Similar Description - AT28BV16

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
64K 8K x 8 Battery-Voltage CMOS E2PROM
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
16K 2K x 8 CMOS E2PROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com