Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet (PDF) - STMicroelectronics

M28010 Datasheet PDF - STMicroelectronics
Part # M28010
Download  M28010 Download
File Size   150.28 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection

M28010 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28010 Datasheet PDF - STMicroelectronics

Part # M28010
Download  M28010 Click to download

File Size   150.28 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection

M28010 Datasheet (HTML) - STMicroelectronics


M28010 Product details

DESCRIPTION
The M28010 devices consist of 128Kx8 bits of low power, parallel EEPROM, fabricated with STMicroelectronics’ proprietary double polysilicon CMOS technology. The devices offer fast access time, with low power dissipation, and require a single voltage supply (5V, 3V or 2V, depending on the option chosen).

■ Fast Access Time: 100 ns
■ Single Supply Voltage:
    – 4.5 V to 5.5 V for M28010
    – 2.7 V to 3.6 V for M28010-W
    – 1.8 V to 2.4 V for M28010-R
■ Low Power Consumption
■ Fast BYTE and PAGE WRITE (up to 128 Bytes)
■ Enhanced Write Detection and Monitoring:
    – Data Polling
    – Toggle Bit
    – Page Load Timer Status
■ JEDEC Approved Bytewide Pin-Out
■ Software Data Protection
■ Hardware Data Protection
■ Software Chip Erase
■ 100000 Erase/Write Cycles (minimum)
■ Data Retention (minimum): 10 Years




Similar Part No. - M28010

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M2802 VBSEMI-M2802 Datasheet
503Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
List of Unclassifed Man...
M280216G013 ETC2-M280216G013 Datasheet
742Kb / 8P
Compact Indoor
M280226G004 ETC2-M280226G004 Datasheet
742Kb / 8P
Compact Indoor
M280246G400 ETC2-M280246G400 Datasheet
742Kb / 8P
Compact Indoor
logo
Enercon Technologies Eu...
M2803 ENERCON-M2803 Datasheet
661Kb / 6P
AC/DC POWER SUPPLY
Jan 14, 2023
More results


Similar Description - M28010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
logo
STMicroelectronics
M28LV16 STMICROELECTRONICS-M28LV16 Datasheet
123Kb / 17P
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com