Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 3 Page - STMicroelectronics

  M28010 Datasheet HTML 1Page - STMicroelectronics M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
M28010
Figure 3. Block Diagram
AI02225
ADDRESS
LATCH
A7-A16
(Page Address)
CONTROL
LOGIC
1Mbit ARRAY
ADDRESS
LATCH
A0-A6
I/O BUFFERS
VPP GEN
LATCH PAGE
Y DECODE
SENSE PAGE & DATA LATCH
E
G
W
DQ0-DQ7
ECC
(1) & MULTIPLEXER
VREAD GEN
PROGRAMMING
STATE
MACHINE
Table 2. Absolute Maximum Ratings 1
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the ST SURE Program and other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100 pF, 1500
Ω)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 85
°C
TSTG
Storage Temperature
–65 to 150
°C
VCC
Supply Voltage
–0.3 to VCCMAX+1
V
VIO
Input or Output Voltage (except A9)
–0.3 to VCC+0.6
V
VI
Input Voltage
–0.3 to 4.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com