Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28010
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010 Datasheet(HTML) 4 Page - STMicroelectronics

  M28010 Datasheet HTML 1Page - STMicroelectronics M28010 Datasheet HTML 2Page - STMicroelectronics M28010 Datasheet HTML 3Page - STMicroelectronics M28010 Datasheet HTML 4Page - STMicroelectronics M28010 Datasheet HTML 5Page - STMicroelectronics M28010 Datasheet HTML 6Page - STMicroelectronics M28010 Datasheet HTML 7Page - STMicroelectronics M28010 Datasheet HTML 8Page - STMicroelectronics M28010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M28010
4/23
Table 3. Operating Modes 1
Note: 1. X = VIH or VIL.
Mode
E
G
W
DQ0-DQ7
Read
VIL
VIL
VIH
Data Out
Write
VIL
VIH
VIL
Data In
Stand-by / Write Inhibit
VIH
X
X
Hi-Z
Write Inhibit
X
X
VIH
Data Out or Hi-Z
Write Inhibit
X
VIL
X
Data Out or Hi-Z
Output Disable
X
VIH
X
Hi-Z
Write Enable (W). The Write Enable input controls
whether the addressed location is to be read, from
or written to.
DEVICE OPERATION
In order to prevent data corruption and inadvertent
write operations, an internal VCC comparator
inhibits the Write operations if the VCC voltage is
lower than VWI (see Table 4A to Table 4C). Once
the voltage applied on the VCC pin goes over the
VWI threshold (VCC>VWI), write access to the
memory is allowed after a time-out tPUW,as
specified in Table 4A to Table 4C.
Further protection against data corruption is
offered by the E and W low pass filters: any glitch,
on the E and W inputs, with a pulse width less than
10 ns (typical) is internally filtered out to prevent
inadvertent write operations to the memory.
Table 4A. Power-Up Timing
1 for M28010 (5V range)
(TA = –40 to 85 °C; VCC = 4.5 to 5.5 V)
Note: 1. Sampled only, not 100% tested.
Table 4B. Power-Up Timing1 for M28010-W (3V range)
(TA = –40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. Sampled only, not 100% tested.
Table 4C. Power-Up Timing1 for M28010-R (2V range)
(TA = –40 to 85 °C; VCC = 1.8 to 2.4 V)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
5
ms
tPUW
Time Delay to Write Operation (once VCC ≥ VWI)
5ms
VWI
Write Inhibit Threshold
3.0
4.2
V
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
5
ms
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)5
ms
VWI
Write Inhibit Threshold
2.0
2.6
V
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
5
ms
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)5
ms
VWI
Write Inhibit Threshold
1.2
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com